|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
K1100BA, K1150BA, K1125BA, K1110BA Series 14 pin DIP, 4-pin Volt, Clock Oscillator DIL 5.0 Package, Compatible with 14-pin 1.0MHz to 70MHz Frequency Range 4-pin Package, Compatible TTL/CMOS DIL HCMOS Circuit, with 14-pin Compatible 1.0MHz to Tight Symmetry (45/55%) Available 70MHz Frequency Range HCMOS Circuit, TTL/CMOS Compatible Tri-State Option Available Tight Symmetry (45/55%) Available 100ppm Stability Standard Tri-State Option Available Available Tighter Stabilities 100ppm Stability Standard K1110BA 10ppm Stability:Tighter Stabilities Available K1125BA 25ppm Stability:10ppm Stability:- K1110BA K1150BA 50ppm Stability:25ppm Stability:- K1125BA 50ppm Stability:- K1150BA K1100BA Series K1100BA Series 5V Crystal Clock Oscillators 5V Crystal Clock Oscillators E L E C T R I C A L S P E C I F I C AT I O N S MODEL MODEL Frequency Range (MHz) Frequency Stability (ppm) Frequency Range (MHz) Overall Frequency Stability (ppm) 0C to 70C Overall -40C to 85C 0C to 70C Temperature Range (C) -40C to 85C Operating Temperature Range (C) Storage Operating Supply Voltage (V) Storage Supply Current (mA) Supply Voltage (V) <20MHz Supply Current (mA)70 MHz 20 <20MHz Output TTL 20 - 70 MHz Output TTL E L E C T R I C A L S P E C I F I C AT I O N S K1100BA K1150BA 1.0 to 70 K1125BA K1110BA 1.0 temperature, voltage, load, Inclusive of calibration, to 70 shock,vibration, aging 50 100 Inclusive of calibration, temperature, voltage, load, shock,vibration, aging 150 100 100 150 50 100 25 NA -40C to +85C -55C to +125C -40C to +85C +5.0 10% -55C to +125C +5.0 10% 15 15 50 K1100BA K1150BA K1125BA K1110BA Rating Over Temperature Only 25 Rating Over 10 Temperature Only N/A NA 10 N/A Symmetry TR and TF (ns) 50 40/60% @ 1.4V; 45/55% Optional 20MHz =8; > 20MHz = 6 40/60% @ 1.4V; 45/55% Optional 10 20MHz =8; > 20MHz = 6 10 40/60 @ 0.5VCC Symmetry Fanout (TTL) TR and TF (ns) Output CMOS Output CMOS Fanout (TTL) Symmetry Symmetry TR and TF (ns) TR and TF (ns) Start up Time (ms) Start up Time (ms) 20MHz =10; > 20MHz = 8 40/60 @ 0.5VCC <10 20MHz =10; > 20MHz = 8 K11XXBACXXX - Specify Frequency K11XXBACXXX-R - Specify Frequency PA R T N U M B E"Blank" =G oC D E oC Operating Temperature RING "-R" = RoHS Compliant 0 U I to 70 K11XXBACXXX - Specify Frequency = -40oC to 85oC Operating Temperature "M" "Blank" = Non-RoHS Compliant oC to 70 C Operating Temperature "Blank" = 0"Blank" =oFixed Frequency "Blank" = 0C to 70C Operating Temperature oC to 85oC Operating Temperature "M" = -40 "M" = -40C to"E" = Tri-State Temperature 85C Operating "Blank" = Fixed Frequency Symmetry "Blank" = 40/60% "Blank" = Fixed Frequency "E" = Tri-State "E" = Tri-State"S" = 45/55 Symmetry "Blank" = 40/60% Symmetry "C" = CMOS Output "Blank" = 40/60% Symmetry "S" = 45/55Model Selection: See Table Above Symmetry "S" = 45/55% Symmetry "C" = CMOS Output 2553 N. Edgington Street, Franklin Park, IL 60131 Table Above Model Selection: See Phone: 847.451.1000 PART R T N U M B E R I N G G U I D E PA NUMBERING GUIDE <10 "C" = CMOS Output Table Above Model Selection: See Fax: 847.451.7585 2553 N. Edgington Street, Franklin Park, IL 60131 or www.champtech.com Fax: 847.451.7585 800-888-1499 Phone: 847.451.1000 MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. 1 800-888-1499 or www.champtech.com 1 Revision: 8-25-06 K1100BA, K1150BA, K1125BA, K1110BA Series 14 pin DIP, 5.0 Volt, Clock Oscillator PIN 1 2 3 4 K1100BA Series 5V Crystal Clock Oscillators FUNCTION N/C / Tri-State Ground Output + VCC SHIPPING TUBE CROSS SECTION OUTPUT WAVEFORM TEST CIRCUIT DIAGRAM MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS TEST METHODS Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test REFERENCE PROCEDURES MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1 DESCRIPTION -55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He MIL-STD-202, Mtd 210D, Cond. J 235C; 30 seconds MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents 125C, powered, 1000 hours minimum Phone: 847.451.1000 Fax: 847.451.7585 MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. 2553 N. Edgington Street, Franklin Park, IL 60131 800-888-1499 or www.champtech.com Revision: 8-25-06 2 |
Price & Availability of K1150BA |